Part Number Hot Search : 
2SA1774 301KD07X D133D EF1C509 16M86VBB LX5514LL DVFL28 L239E
Product Description
Full Text Search
 

To Download P6KE36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE SERIES
GLASS PASSIVATED UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS FEATURES
low leakage Uni and bidirectional unit Excellent clamping capability Plastic material has UL recognition 94V-0 Fast response time
.
REVERSE VOLTAGE - 6.8 to 440Volts POWER DISSIPATION - 600 Watts DO-15
1.0(25.4) MIN
.034(0.9) DIA .028(0.7)
MECHANICAL DATA
Case : Molded Plastic Marking : Unidirectional -type number and cathode band
.300(7.6) .230(5.8) .140(3.6) DIA .104(2.6) 1.0(25.4) MIN
Bidirectional-type number only
Weight : 0.4 grams
Dimensions in inches and(millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Peak Power Dissipation at TA=25 TP=1ms (NOTE1) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Steady State Power Dissipation at TL=75 Llead Lengths 0.375"(9.5mm),See Fig. 4 Maximum Instantaneous Forward Voltage at 50A for Unidirectional Devices Only (NOTE2) Operating Temperature Range Storage Temperature Range
SYMBOL PPK
VALUE Minimum 600
UNIT WATTS
IFSM
100
AMPS
PM(AV) VF TJ TSTG
5.0 See NOTE 3 -55 to + 150 -55 to + 175
WATTS VOLTS
NOTES:1. Non-repetitive current pulse ,per Fig. 5 and derated above TA=25 per Fig. 1 . 2. 8.3ms single half-wave duty cycle=4 pulses per minutes maximum (uni-directional units only). 3. VF=3.5V on P6KE6.8 thru P6KE200A devices and VF=5.0V on P6KE220A thru P6KE400A devices.
~ 199 ~
RATING AND CHARACTERTIC CURVES P6KE SERIES
FIG.1-PULSE DERATING CURVE PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT 100
10*1000 WAVEFORM AS DEFINED BY R.E.A
FIG.2-TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE PF
75
1000
TJ=25 MEASURED AT STAND-OFF VOLTAGE
50
100
25 0 0 25 50 75 100 125 150 175 200
10
1 4 10 100 1000 TA AMBIENT TEMPERATURE, REVERSE VOLTAGE,VOLTS
100
TA=25, NON-REPETIVE PULSE WAVE FORM
PM(AV), STEADY STATE POWER DISSIPATION (W)
FIG.3-PULSE RATING CURVE
FIG.4-STEADY STATE POWER DERATING CURVE 5
PP, PEAK POWER (Kw)
SHOWN IN FIG.5
4 3
10
2 1
60Hz RESISTIVE OR INDUCTIVE LOAD
1.0
0.1 0.1us 1.0us 10us 100us 1.0ms 10ms
0
25
50
75
100
125
150
175
200
TP, PULSE WIDTH
TL, LEAD TEMPERATURE
FIG.5 -PULSE WAVEFORM
IP PEAK PULSE CURRENT %
TR=10us
100
Peak value(IRSM) Half value = IRSM 2 Pulse with (Tp) is defined as that point where the peak current decays to 50% of IRSM
50
TJ=25 10*1000waveform as defined by R.E.A
TP
0 0 1.0 2.0 T, TIME (ms) 3.0 4.0
~ 200 ~
P6KE SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.40 47.80 Min(V) 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 Breakdown Voltage BV Lolts @ lt Max(V) 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 It(mA) 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Max. Reverse Leakage @ IR(uA) 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Max. Clamping Voltage @IP Vc(V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 Max. Peak Pulse Current Ipp(A) 56.0 57.0 51.0 53.0 48.0 50.0 44.0 45.0 40.0 41.0 37.0 38.0 35.0 36.0 32.0 33.0 27.0 28.0 26.0 27.0 23.0 24.0 21.0 22.0 19.0 20.0 17.0 18.0 15.0 16.0 14.0 14.4 12.6 13.2 11.6 12.0 10.5 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 Max. Voltage Temp. Variation Of BV %/ 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
(UNI) P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A
(BI) P6KE6.8C P6KE6.8CA P6KE7.5C P6KE7.5CA P6KE8.2C P6KE8.2CA P6KE9.1C P6KE9.1CA P6KE10C P6KE10CA P6KE11C P6KE11CA P6KE12C P6KE12CA P6KE13C P6KE13CA P6KE15C P6KE15CA P6KE16C P6KE16CA P6KE18C P6KE18CA P6KE20C P6KE20CA P6KE22C P6KE22CA P6KE24C P6KE24CA P6KE27C P6KE27CA P6KE30C P6KE30CA P6KE33C P6KE33CA P6KE36C P6KE36CA P6KE39C P6KE39CA P6KE43C P6KE43CA P6KE47C P6KE47CA P6KE51C P6KE51CA P6KE56C P6KE56CA
~ 201 ~
P6KE SERIES
Type Number Type Number Reverse Standoff Voltage VR(V) 50.2 53.0 55.1 58.1 60.7 64.7 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 Min(V) 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0 225.0 237.0 270.0 285.0 315.0 332.0 Breakdown Voltage BV Lolts@lt Max(V) 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0 275.0 263.0 330.0 315.0 385.0 368.0 It(mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 Max. Reverse Leakage IR(uA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Max. Clamping Voltage Vc(V) 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.4 430.0 414.0 504.0 482.0 Max. Peak Pulse Ipp(A) 6.80 7.10 6.10 6.50 5.50 5.80 5.10 5.30 4.50 4.80 4.20 4.40 3.80 4.00 3.50 3.60 3.20 3.30 2.80 2.90 2.60 2.70 2.50 2.60 2.30 2.40 2.10 2.20 1.75 1.83 1.67 1.75 1.40 1.45 1.20 1.25 Max. Voltage Temp. %/ 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110
(UNI) P4KE62 P4KE62A P4KE68 P4KE68A P4KE75 P4KE75A P4KE82 P4KE82A P4KE91 P4KE91A P4KE100 P4KE100A P4KE110 P4KE110A P4KE120 P4KE120A P4KE130 P4KE130A P4KE150 P4KE150A P4KE160 P4KE160A P4KE170 P4KE170A P4KE180 P4KE180A P4KE200 P4KE200A P4KE220 P4KE220A P4KE250 P4KE250A P4KE300 P4KE300A P4KE350 P4KE350A
(BI) P4KE62C P4KE62CA P4KE68C P4KE68CA P4KE75C P4KE75CA P4KE82C P4KE82CA P4KE91C P4KE91CA P4KE100C P4KE100CA P4KE110C P4KE110CA P4KE120C P4KE120CA P4KE130C P4KE130CA P4KE150C P4KE150CA P4KE160C P4KE160CA P4KE170C P4KE170CA P4KE180C P4KE180CA P4KE200C P4KE200CA P4KE220C P4KE220CA P4KE250C P4KE250CA P4KE300C P4KE300CA P4KE350C P4KE350CA
NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive . 1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled .
~ 202 ~


▲Up To Search▲   

 
Price & Availability of P6KE36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X